Part Number Hot Search : 
IL78L08 GBAT54C HER3007 NTBVCTTR 4CD91 1N966B PE4245 L793SRC
Product Description
Full Text Search
 

To Download MH1353 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATASHEET
Lighting
Imaging
Telecom
Sensors
Channel Photomultipliers and Modules
MH Series CPM Modules
Ultra High Sensitivity Channel Photomultiplier Head Including High Voltage Power Supply
Description
The Channel Photomultiplier module MH 900 series is designed for an easy to use application for both photoncounting and dc operating modes. It contains an adjustable high voltage supply and a Channel Photomultiplier of the C900 series. The module also offers the possibility to apply an external gate function for time correlated photon counting or active quenching control (only bialkali types). Strong variations in light levels are possible due to the high dynamic range of the installed CPM. The exceptional low noise and high sensitivity facilitates detection of extremely weak light levels.
Features
* High dynamic range * No cooling required * Very high stability in noise level * Adjustable gain * High stability over time * Gateable CPM input for time resolved measurements * Extremely fast high-light recovery times * Rugged and compact design * 5 volts operating voltage * Monitor voltage output
.
w w w. p e r k i n e l m e r. c o m / o p t o
Technical Specifications
MH 900 Series 1/3" CPM Module
*) Additional models on request Operating Conditions Input voltage Input current Max. linear anode current Max. anode current* Gating input Monitor voltage out High voltage adjust Operating temperature Storage temperature Weight: Performance Characteristics
Equivalent Noise Input
1E-14
5 V to +5.5 V DC < 200 mA (DC linearity limit) 10% of bias current 10 A (max. 30 sec.) TTL, active high (switches cathode potential higher than channel entrance potential) |VChannelEntrance|/1000 by internal potentiometer, |0 ... 2900 V| VChannelEntrance by external control voltage (0 ... 3 V),via OpAmp circuit 5 to 40 C * for long term operation: max average anode -20 to 50 C current of <100 nA is recommended approx. 225 g
1E-15
Spectral response
ENI (W)
C 972 C 962 C 952 C 942
1E-17
10 0
1E-16
C 982
Quantumefficiency (%)
C 943 C 944 10 C 983
1E-18
C 911 C 922
100
200
300
400
500
600
700
800
900
Wavelength (nm)
Current Amplification/vs Control Voltage
1,E+09
1
C 9 73
C 9 72
1,E+08
C 962 C 922 C 982 0. 1 10 0 C 9 11 200 300 400 50 0 C 942 600 70 0 800 900
Gain
1,E+07
C 921
C 9 52
1,E+06 1,E+05 1,E+04 1,E+03 1,E+02 0,9 1,4 1,9 2,4 2,9
Wavelength (nm )
Control Voltage / V
Technical Specifications
MH 1300 Series 1/2" CPM Module
*) Additional models on request Operating Conditions Input voltage Input current Max. linear anode current Max. anode current* Gating input Monitor voltage out High voltage adjust Operating temperature Storage temperature Weight: Performance Characteristics
Equi entN oi I val se nput
11 E- 4
5 V to +5.5 V DC < 200 mA (DC linearity limit) 10% of bias current 10 A (max. 30 sec.) TTL, active high (switches cathode potential higher than channel entrance potential) |VChannelEntrance|/1000 by internal potentiometer, |0 ... 2900 V| VChannelEntrance by external control voltage (0 ... 3 V),via OpAmp circuit 5 to 40 C * for long term operation: max average anode -20 to 50 C current of <100 nA is recommended approx. 290 g
Spectral response
ENI (W)
10 0
11 E- 5 C 13 6 2 11 E- 6 C 13 4 2 11 E- 7 C 13 2 2 C 13 11 C 13 8 2 C 13 52
C 13 72
C 13 4 3 C 13 4 4
Quantumefficiency (%)
10 C 13 8 3
11 E- 8 1 00 300 500 700 900
W avel engt ( ) h nm
C 13 7 3 1 C 13 6 2 C 13 2 2 C 13 2 1 C 13 8 2 0 .1 10 0 200 300 400 500 600 700 800 900 C 13 11 C 13 4 2 C 13 5 2 C 13 7 2
1,E+09 1,E+08 1,E+07
Current Amplification/vs Control Voltage
Gain
1,E+06 1,E+05 1,E+04 1,E+03 1,E+02 0,9 1,4 1,9 2,4 2,9
Wavelength (nm )
Control Voltage / V
Technical Specifications
MH 1900 Series 3/4" CPM Module
*) Additional models on request Operating Conditions Input voltage Input current Max. linear anode current Max. anode current* Gating input Monitor voltage out High voltage adjust Operating temperature Storage temperature Weight: Performance Characteristics
Equivalent Noise Input 1E-14
5 V to +5.5 V DC < 200 mA (DC linearity limit) 10% of bias current 10 A (max. 30 sec.) TTL, active high (switches cathode potential higher than channel entrance potential) |VChannelEntrance|/1000 by internal potentiometer, |0 ... 2900 V| VChannelEntrance by external control voltage (0 ... 3 V),via OpAmp circuit 5 to 40 C -20 to 50 C * for long term operation: max average anode approx. 370 g current of <100 nA is recommended
Spectral response
10 0
1E-15 ENI (W)
C 1972 C 1962 C 1952 C 1942 C 1911 C 1922 C 1982
1E-16
Quantumefficiency (%)
C 19 4 3C 19 4 4 10 C 19 8 3
1E-17
1E-18
1 00 1 C 19 73 C 19 72 C 19 6 2 C 13 2 2 C 19 2 1 0. 1 10 0 C 19 11 200 300 400 50 0 C 19 4 2 600 70 0 800 900
Gain
1,E+06 1,E+05 1,E+04 1,E+03 1,E+02 0,9 1,4 1,9 2,4 2,9 1,E+09 1,E+08
200
300
400
500
600
700
800
900
W avel ength ( ) nm
Current Amplification/vs Control Voltage
C 19 52 C 19 8 2
1,E+07
Wavelength (nm )
Control Voltage / V
Dimensions (mm)
MH 900 Series
MH 1300 Series
MH 1900 Series
Connections Red Black Yellow Green Coax (brown) Coax (black) *
5V Gnd Monitor voltage (Vch-ent) optional (with ext. OpAmp): External control voltage HV-supply (0 ... 3 V) External Gate in (only bialkali CPMs) Anode signal out (shielding to be connected to ground !)
CAUTION: HIGH VOLTAGE WARNING
This product operates at high voltage. Extreme care must be taken to ensure operator safety and to avoid damage to other instruments. Avoid direct contact with the entrance window of the built in CPM when high voltage is applied. Avoid placing conductive material close to the cathode. Ensure that no light levels are applied, generating higher anode currents than specified. All given values are nominal/typical @ 20 C ambient temperature; specification subject to change without notice
USA: PerkinElmer Optoelectronics 2175 Mission College Blvd. Santa Clara, CA 95054 Phone: (408) 565-0850 Fax: (408) 565-0793
EUROPE: PerkinElmer Optoelectronics GmbH Wenzel-Jaksch-Str. 31 65199 Wiesbaden Germany Phone: +49 611 492 534 Fax: +49 611 492 578
ASIA: PerkinElmer Optoelectronics 47 Ayer Rajah Crescent #06-12 Singapore 139947 Phone: +65 775 2022 Fax: +65 775 1008
.
(c) 2001 PerkinElmer, Inc. All rights reserved.
DS-286 Rev A 1101
w w w. p e r k i n e l m e r. c o m / o p t o


▲Up To Search▲   

 
Price & Availability of MH1353

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X